công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F157IPM bảng dữ liệu(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F157IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F157IPM bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button MSP430F157IPM Datasheet HTML 42Page - Texas Instruments MSP430F157IPM Datasheet HTML 43Page - Texas Instruments MSP430F157IPM Datasheet HTML 44Page - Texas Instruments MSP430F157IPM Datasheet HTML 45Page - Texas Instruments MSP430F157IPM Datasheet HTML 46Page - Texas Instruments MSP430F157IPM Datasheet HTML 47Page - Texas Instruments MSP430F157IPM Datasheet HTML 48Page - Texas Instruments MSP430F157IPM Datasheet HTML 49Page - Texas Instruments MSP430F157IPM Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
MSP430x15x, MSP430x16x, MSP430x161x
MIXED SIGNAL MICROCONTROLLER
SLAS368D− OCTOBER 2002− REVISED MARCH 2005
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
12-bit DAC, reference input specifications
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Reference input
DAC12IR=0, (see Notes 1 and 2)
2.2V/3V
AVCC/3 AVCC+0.2
VeREF+
Reference input
voltage range
DAC12IR=1, (see Notes 3 and 4)
2.2V/3V
AVcc
AVcc+0.2
V
DAC12_0 IR=DAC12_1 IR =0
2.2V/3V
20
M
Ω
DAC12_0 IR=1, DAC12_1 IR = 0
2.2V/3V
Ω
Ri(VREF+),
Reference input
DAC12_0 IR=0, DAC12_1 IR = 1
2.2V/3V
40
48
56
k
Ω
(VREF+)
Ri(VeREF+)
resistance
DAC12_0 IR=DAC12_1 IR =1
DAC12_0 SREFx = DAC12_1 SREFx
(see Note 5)
2.2V/3V
20
24
28
k
Ω
NOTES:
1. For a full-scale output, the reference input voltage can be as high as 1/3 of the maximum output voltage swing (AVCC).
2. The maximum voltage applied at reference input voltage terminal VeREF+ = [AVCC − VE(O)] / [3*(1 + EG)].
3. For a full-scale output, the reference input voltage can be as high as the maximum output voltage swing (AVCC).
4. The maximum voltage applied at reference input voltage terminal VeREF+ = [AVCC − VE(O)] / (1 + EG).
5. When DAC12IR = 1 and DAC12SREFx = 0 or 1 for both channels, the reference input resistive dividers for each DAC are in parallel
reducing the reference input resistance.
12-bit DAC, dynamic specifications; Vref = VCC, DAC12IR = 1 (see Figure 23 and Figure 24)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
DAC12_xDAT = 800h,
DAC12AMPx=0
→ {2, 3, 4}
2.2V/3V
60
120
tON
DAC12 on-
DAC12_xDAT = 800h,
ErrorV(O) < ±0.5 LSB
DAC12AMPx=0
→ {5, 6}
2.2V/3V
15
30
µs
tON
time
ErrorV(O) < ±0.5 LSB
(see Note 1,Figure 23)
DAC12AMPx=0
→ 7
2.2V/3V
6
12
µs
DAC12AMPx=2
2.2V/3V
100
200
tS(FS)
Settling
DAC12_xDAT =
→
→
DAC12AMPx=3,5
2.2V/3V
40
80
µs
tS(FS)
time,full-scale
80h
→ F7Fh→ 80h
DAC12AMPx=4,6,7
2.2V/3V
15
30
µs
DAC12_xDAT =
DAC12AMPx=2
2.2V/3V
5
tS(C-C)
Settling time,
DAC12_xDAT =
3F8h
→ 408h→ 3F8h
DAC12AMPx=3,5
2.2V/3V
2
µs
tS(C-C)
code to code
3F8h
→ 408h→ 3F8h
BF8h
→ C08h→ BF8h
DAC12AMPx=4,6,7
2.2V/3V
1
µs
DAC12AMPx=2
2.2V/3V
0.05
0.12
SR
Slew Rate
DAC12_xDAT =
→
→
DAC12AMPx=3,5
2.2V/3V
0.35
0.7
V/
µs
SR
Slew Rate
80h
→ F7Fh→ 80h
DAC12AMPx=4,6,7
2.2V/3V
1.5
2.7
V/
µs
DAC12AMPx=2
2.2V/3V
10
Glitch energy: full-scale
DAC12_xDAT =
→
→
DAC12AMPx=3,5
2.2V/3V
10
nV-s
Glitch energy: full-scale
80h
→ F7Fh→ 80h
DAC12AMPx=4,6,7
2.2V/3V
10
nV-s
NOTES:
1. RLoad and CLoad connected to AVSS (not AVCC/2) in Figure 23.
2. Slew rate applies to output voltage steps >= 200mV.
RLoad
AVCC
CLoad = 100pF
2
DAC Output
RO/P(DAC12.x)
ILoad
Conversion 1
Conversion 2
VOUT
Conversion 3
Glitch
Energy
+/− 1/2 LSB
+/− 1/2 LSB
tsettleLH
tsettleHL
= 3 k
Ω
Figure 23. Settling Time and Glitch Energy Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com