công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24AA32A-E/MSG bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện 24AA32A-E/MSG
Giải thích chi tiết về linh kiện  32KIC Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32A-E/MSG bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button 24AA32A-E/MSG Datasheet HTML 5Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 6Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 7Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 8Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 9Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 10Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 11Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 12Page - Microchip Technology 24AA32A-E/MSG Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2003 Microchip Technology Inc.
DS21713D-page 9
24AA32A/24LC32A
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a write
command has been issued from the master, the device
initiates the internally-timed write cycle. ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, the Start bit and control byte must
be re-sent. If the cycle is complete, the device will
return the ACK and the master can then proceed with
the next Read or Write command. See Figure 5-1 for
flow diagram of this operation.
FIGURE 5-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26