| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95320-RBN3P bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-RBN3P bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 42 page ![]() 1/42 May 2005 M95320 M95320-W M95320-R M95320-S M95640 M95640-W M95640-R M95640-S 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock FEATURES SUMMARY ■ Compatible with SPI Bus Serial Interface (Positive Clock SPI Modes) ■ Single Supply Voltage: – 4.5 to 5.5V for M95320 and M95640 – 2.5 to 5.5V for M95320-W and M95320-W – 1.8 to 5.5V for M95320-R and M95640-R – 1.65 to 5.5V for M95320-S and M95640-S ■ 20MHz, 10MHz, 5MHz or 2MHz clock rates ■ 5ms or 10ms Write Time ■ Status Register ■ Hardware Protection of the Status Register ■ BYTE and PAGE WRITE (up to 32 Bytes) ■ Self-Timed Programming Cycle ■ Adjustable Size Read-Only EEPROM Area ■ Enhanced ESD Protection ■ More than 100000 or 1 million Erase/Write Cycles (depending on ordering options) ■ More than 40-Year Data Retention Table 1. Product List Figure 1. Packages Reference Part Number M95320 M95320 M95320-W M95320-R M95320-S M95640 M95640 M95640-W M95640-R M95640-S 8 1 8 1 PDIP8 (BN) 0.25 mm frame SO8 (MN) 150 mil width TSSOP8 (DW) 169 mil width MLP8 (MB) 2x3 mm |
Số phần tương tự - M95320-RBN3P |
|
Mô tả tương tự - M95320-RBN3P |