công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APDA3020LSYCK/J3-PF bảng dữ liệu(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện APDA3020LSYCK/J3-PF
Giải thích chi tiết về linh kiện  3.0 x 2.0 mm Right Angle SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APDA3020LSYCK/J3-PF bảng dữ liệu(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APDA3020LSYCK/J3-PF Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APDA3020LSYCK/J3-PF Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APDA3020LSYCK/J3-PF Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APDA3020LSYCK/J3-PF Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 / 4
© 2017 Kingbright. All Rights Reserved. Spec No: DSAN8383 / 1203014450 Rev No: V.4B Date: 10/24/2017
DESCRIPTIONS
The Super Bright Yellow device is based on light
emitting diode chip made from AlGaInP
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.0 mm x 2.0 mm SMD LED, 2.8 mm thickness
Low power consumption
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
Tinned pads for improved solderability
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
APDA3020LSYCK/J3-PF
3.0 x 2.0 mm Right Angle SMD LED
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 2mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APDA3020LSYCK/J3-PF
■ Super Bright Yellow
(AlGaInP)
Water Clear
180
500
10
°
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Số phần tương tự - APDA3020LSYCK/J3-PF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingbright Corporation
APDA3020LSECK-J3-PF KINGBRIGHT-APDA3020LSECK-J3-PF Datasheet
307Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APDA3020LSECK-J3-PF TO-GRACE-APDA3020LSECK-J3-PF Datasheet
862Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J4-PF TO-GRACE-APDA3020LSECK-J4-PF Datasheet
832Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK/J4-PF TO-GRACE-APDA3020LSECK/J4-PF Datasheet
832Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
More results

Mô tả tương tự - APDA3020LSYCK/J3-PF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingbright Corporation
APBDA3020QBDCGKC-GX KINGBRIGHT-APBDA3020QBDCGKC-GX Datasheet
304Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J3-PF KINGBRIGHT-APDA3020LSECK-J3-PF Datasheet
307Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APBDA3020SURKCGKC-GX TO-GRACE-APBDA3020SURKCGKC-GX Datasheet
938Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APBDA3020QBDCGKC-GX TO-GRACE-APBDA3020QBDCGKC-GX Datasheet
911Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J3-PF TO-GRACE-APDA3020LSECK-J3-PF Datasheet
862Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J4-PF TO-GRACE-APDA3020LSECK-J4-PF Datasheet
832Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LZGCK TO-GRACE-APDA3020LZGCK Datasheet
856Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020SECK-J3-PF TO-GRACE-APDA3020SECK-J3-PF Datasheet
854Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020VBC-D TO-GRACE-APDA3020VBC-D Datasheet
858Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020ZGCK TO-GRACE-APDA3020ZGCK Datasheet
830Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com