| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25WD80CKEG bảng dữ liệu(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25WD80CKEG bảng dữ liệu(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
13 / 47 page ![]() Uniform Sector Standard and Dual Serial Flash GD25WD80C 13 7.1. Write Enable (WREN) (06H) The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit to 1. The Write Enable Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE) and Write Status Register (WRSR) command. The Write Enable (WREN) command sequence: CS# goes low sending the Write Enable command CS# goes high. Figure1. Write Enable Sequence Diagram 7.2. Write Disable (WRDI) (04H) The Write Disable command is for resetting the Write Enable Latch (WEL) bit to 0. The WEL bit is reset by following condition: Power-up and upon completion of the Write Status Register, Page Program, Sector Erase, Block Erase and Chip Erase commands. The Write Disable command sequence: CS# goes lowSending the Write Disable command CS# goes high. Figure2. Write Disable Sequence Diagram Command 0 1 2 3 4 5 6 7 06H CS# SCLK SI SO High-Z Command 0 1 2 3 4 5 6 7 04H CS# SCLK SI SO High-Z |