| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25WD80CTEG bảng dữ liệu(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25WD80CTEG bảng dữ liệu(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
38 / 47 page ![]() Uniform Sector Standard and Dual Serial Flash GD25WD80C 38 9.1. Valid Part Numbers Please contact GigaDevice regional sales for the latest product selection and available form factors. Temperature Range I: Industrial (-40 ℃ to +85℃) Product Number Density Package Type GD25WD80CTIG 8Mbit SOP8 150mil GD25WD80CSIG 8Mbit SOP8 208mil GD25WD80COIG 8Mbit TSSOP8 173mil GD25WD80CPIG 8Mbit DIP8 300mil GD25WD80CKIG 8Mbit USON8 (1.5x1.5mm) GD25WD80CEIG 8Mbit USON8 (3x2mm, 0.45mm thickness) Temperature Range J: Industrial (-40 ℃ to +105℃) Product Number Density Package Type GD25WD80CTJG 8Mbit SOP8 150mil GD25WD80CSJG 8Mbit SOP8 208mil GD25WD80COJG 8Mbit TSSOP8 173mil GD25WD80CPJG 8Mbit DIP8 300mil GD25WD80CKJG 8Mbit USON8 (1.5x1.5mm) GD25WD80CEJG 8Mbit USON8 (3x2mm, 0.45mm thickness) Temperature Range E: Industrial (-40 ℃ to +125℃) Product Number Density Package Type GD25WD80CTEG 8Mbit SOP8 150mil GD25WD80CSEG 8Mbit SOP8 208mil GD25WD80COEG 8Mbit TSSOP8 173mil GD25WD80CPEG 8Mbit DIP8 300mil GD25WD80CKEG 8Mbit USON8 (1.5x1.5mm) GD25WD80CEEG 8Mbit USON8 (3x2mm, 0.45mm thickness) |