| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25VE64CSIG bảng dữ liệu(PDF) 62 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE64CSIG bảng dữ liệu(HTML) 62 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
62 / 62 page ![]() 2.5V Uniform Sector Dual and Quad Serial Flash GD25VE64C 62 11. REVISION HISTORY Version No Description Page Date 1.0 Initial released All 2017-7-21 1.1 Modify the value of ID15-ID8 from 40 to 42 Modify Icc4, Icc5, Icc6, Icc7 and Icc8 max. value from 15mA to 20mA Modify Icc9 from 400-800uA to 0.6-1.2mA Modify tw max value from 30ms to 40ms P15 P49 P49 P51 2017-8-1 1.2 Modify the description of the SOP8, USON8, WSON8 and TFBGA24 (5x5 ball array) packages Delete Temperature Range: F, A, 2 and 3 in the Ordering Information Modify Icc2 max value from 1uA to 4uA Delete tRST_P and tRST_R Add tRST, of which the max value is 30us P55, 57, 58, 60 P53 P49 P51 P51 2017-12-4 |