| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25VE64C bảng dữ liệu(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE64C bảng dữ liệu(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
21 / 62 page ![]() 2.5V Uniform Sector Dual and Quad Serial Flash GD25VE64C 21 7.9. Quad Output Fast Read (6BH) The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, and each bit is latched in on the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The command sequence is shown in followed Figure10. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9) must be set to enable for the Quad Output Fast Read command. Figure 10. Quad Output Fast Read Sequence Diagram Command 0 1 2 3 4 5 6 7 6BH CS# SCLK SI(IO0) SO(IO1) High-Z 8 9 10 28 29 30 31 3 2 1 0 23 22 21 24-bit address 34 35 36 37 33 1 5 1 5 1 5 1 38 39 Byte1 32 42 43 44 45 41 46 47 40 5 Dummy Clocks 0 4 0 4 0 4 0 4 4 5 WP#(IO2) High-Z HOLD#(IO3) High-Z CS# SCLK SI(IO0) SO(IO1) WP#(IO2) HOLD#(IO3) 2 6 2 6 2 6 2 6 6 3 7 3 7 3 7 3 7 7 Byte2 Byte3 Byte4 |