| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25VE16CTIG bảng dữ liệu(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE16CTIG bảng dữ liệu(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
20 / 60 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE16C 20 7.9. Quad Output Fast Read (6BH) The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, and each bit is latched in on the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The command sequence is shown in followed Figure10. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9) must be set to enable for the Quad Output Fast Read command. Figure 10. Quad Output Fast Read Sequence Diagram 7.10. Dual I/O Fast Read (BBH) The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the capability to input the 3-byte address (A23- 0) and a “Continuous Read Mode” byte 2-bit per clock by SI and SO, and each bit is latched in on the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO. The command sequence is shown in followed Figure11. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. Dual I/O Fast Read with “Continuous Read Mode” The Dual I/O Fast Read command can further r educe command overhead through setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23- A0). If the “Continuous Read Mode” bits (M7-0) =AXH, then the next Dual I/O Fast Read command (after CS# is raised and then lowered) does not require the BBH command code. The command sequence is shown in followed Figure12 . If the “Continuous Read Mode” bits (M7-0) are any value other than AXH, the next command requires the command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M7-0) before issuing normal command. Command 0 1 2 3 4 5 6 7 6BH CS# SCLK SI(IO0) SO(IO1) High-Z 8 9 10 28 29 30 31 3 2 1 0 23 22 21 24-bit address 34 35 36 37 33 1 5 1 5 1 5 1 38 39 Byte1 32 42 43 44 45 41 46 47 40 5 Dummy Clocks 0 4 0 4 0 4 0 4 4 5 WP#(IO2) High-Z HOLD#(IO3) High-Z CS# SCLK SI(IO0) SO(IO1) WP#(IO2) HOLD#(IO3) 2 6 2 6 2 6 2 6 6 3 7 3 7 3 7 3 7 7 Byte2 Byte3 Byte4 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |