| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF1008 bảng dữ liệu(PDF) 2 Page - REYCONNS CHINA LIMITED |
|
|
|||||||||||||||||||||||||||||
RF1008 bảng dữ liệu(HTML) 2 Page - REYCONNS CHINA LIMITED |
|
2 / 5 page ![]() REYCONNS SAW Filter RF1008 REYCONNS CHINA LIMITED www.reyconns.com Performance Maximum Rating Item Value Unit DC Voltage VDC 3 V Operation Temperature T -40 ~ +85 ℃ Storage Temperature Tstg -55 ~ +125 ℃ RF Power Dissipation P 15 dBm Electronic Characteristics Test Temperature: 25℃±2℃ Terminating source impedance: 50Ω Terminating load impedance: 50Ω Item Minimum Typical Maximum Unit Center Frequency fc 160.70 MHz Insertion Loss(min) IL 2.3 4.0 dB Amplitude Ripple (p-p) △ ɑ 0.5 1.0 dB 3 dB Bandwidth BW3dB 0.18 0.2 MHz Absolute Attenuation ɑ DC-155.70 MHz 50.0 55.0 dB 155.70-157.60 MHz 30.0 32.0 dB 159.20 MHz 18.0 21.0 dB 161.20 -162.50 MHz 16.0 18.0 dB 162.97.00 MHz 15.0 dB 163.50 -170.70 MHz 28.0 30.0 dB 170.70 -210.70 MHz 40.0 45.0 dB |