công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25Q64C bảng dữ liệu(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25Q64C
Giải thích chi tiết về linh kiện  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64C bảng dữ liệu(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
59
(T= -40
℃~125℃, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: Dual I/O (BBH), Quad I/O (EBH),
Quad Output (6BH) (Dual I/O & Quad I/O Without High
Performance Mode), on 3.0V-3.6V power supply
70
MHz
fC1
Serial Clock Frequency For: Dual I/O (BBH), Quad I/O (EBH),
Quad Output (6BH) (Dual I/O & Quad I/O Without High
Performance Mode), on 2.7V-3.0V power supply
60
MHz
fC2
Serial Clock Frequency For: Dual I/O(BBH), Quad I/O (EBH),
Quad Output (6BH) (Dual I/O & Quad I/O With High
Performance Mode), on 2.7V-3.6V power supply
80
MHz
fC3
Serial Clock Frequency For: Fast Read (0BH) (with/without
High Performance Mode), on 2.7V-3.6V power supply
80
MHz
fR
Serial Clock Frequency For: Read(03H), Read Status
Register (05H, 15H, 35H) Read Device ID (ABH, 90H, 92H,
94H, 9FH)
60
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time(read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
0.7
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
HOLD# Low Setup Time (relative to Clock)
5
ns
tHHCH
HOLD# High Setup Time (relative to Clock)
5
ns
tCHHL
HOLD# High Hold Time (relative to Clock)
5
ns
tCHHH
HOLD# Low Hold Time (relative to Clock)
5
ns
tHLQZ
HOLD# Low To High-Z Output
7
ns
tHHQX
HOLD# High To Low-Z Output
7
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
20
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
20
μs
tSUS
CS# High To Next Command After Suspend
20
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com