công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C987JC bảng dữ liệu(PDF) 2 Page - Advanced Micro Devices

tên linh kiện AM79C987JC
Giải thích chi tiết về linh kiện  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC bảng dữ liệu(HTML) 2 Page - Advanced Micro Devices

  AM79C987JC Datasheet HTML 1Page - Advanced Micro Devices AM79C987JC Datasheet HTML 2Page - Advanced Micro Devices AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AMD
P R E L I M I N A R Y
2
Am79C987
BLOCK DIAGRAM
Attributes
CK
802.3
Receive
MAC
IMR+
Management
Port
Interface
RST
D7–0
CS
C/
D
RD
WR
RDY
INT
Data
Port Number
Status
SCLK
SI
SO
COL
ACK
JAM
DAT
CRS
STR
Bus
Interface
17305B-1
Clock/
Reset
RELATED AMD PRODUCTS
Part No.
Description
Am79C98
Twisted-Pair Ethernet Transceiver (TPEX)
Am79C100
Twisted-Pair Ethernet Transceiver Plus (TPEX+)
Am79C90
CMOS Local Area Network Controller for Ethernet (C-LANCE)
Am79C940
Media Access Controller for Ethernet (MACE
TM)
Am79C900
Integrated Local Area Communications Controller
TM (ILACCTM)
Am79C960
PCnet-ISA Single-Chip Ethernet Controller (for ISA bus)
Am79C961
PCnet-ISA
+ Single-Chip Ethernet Controller (with Microsoft® Plug n’ Play support)
Am79C965
PCnet-32 Single-Chip 32-Bit Ethernet Controller (for 486 and VL buses)
Am79C970
PCnet-PCI Single-Chip Ethernet Controller for PCI Local Bus
Am79C974
PCnet-SCSI Combination Ethernet and SCSI Controller for PCI Systems
Am79C981
Integrated Multiport Repeater Plus
TM (IMR+TM)
Am7990
Local Area Network Controller for Ethernet (LANCE)
Am7996
IEEE 802.3/Ethernet/Cheapernet Tap Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30