| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C987 bảng dữ liệu(PDF) 4 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C987 bảng dữ liệu(HTML) 4 Page - Advanced Micro Devices |
|
4 / 30 page ![]() 4 Am79C987 PRELIMINARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed by a combination of the elements below. Valid Combinations Valid combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. AM79C987 J C DEVICE NUMBER/DESCRIPTION Am79C987 Hardware Implemented Management Information Base (HIMIB) OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In OPERATING CONDITIONS C = Commercial (0 °C to +70°C) PACKAGE TYPE J = 28-Pin Plastic Leaded Chip Carrier (PL 028) SPEED See Product Selector Guide and Valid Combination Valid Combinations AM79C987 JC |