công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T25S64CSIPT bảng dữ liệu(PDF) 18 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện T25S64CSIPT
Giải thích chi tiết về linh kiện  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S64CSIPT bảng dữ liệu(HTML) 18 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S64CSIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S64CSIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
18
Table 5.4 Basic SPI Flash Parameter, JEDEC SFDP Rev B (Sheet 4 of 5)
SFDP
Parameter
Relative Byte
Address
SFDP
Dword
Name
Data
Description
60h
JEDEC
Basic
Flash
Parameter
Dword-13
7Ah
Bits 31:24 = Erase Suspend Instruction = 75h
Bits 23:16 = Erase Resume Instruction = 7Ah
Bits 15:8 = Program Suspend Instruction = 75h
Bits 7:0 = Program Resume Instruction = 7Ah
61h
75h
62h
7Ah
63h
75h
64h
JEDEC
Basic
Flash
Parameter
Dword-14
F7h
Bit 31 = Deep Power-Down Supported = 0
Bits 30:23 = Enter Deep Power-Down Instruction = B9h
Bits 22:15 = Exit Deep Power-Down Instruction = ABh
Bits 14:13 = Exit Deep Power-Down to next operation delay units = (00b: 128 ns,
01b: 1 μs,
10b: 8 μs, 11b: 64 μs) = 1 μs = 01b
Bits 12:8 = Exit Deep Power-Down to next operation delay count = 00010b, Exit
Deep Power-Down to next operation delay = (count+1)*units = 3*1 μs=3 μs
Bits 7:4 = RFU = 1111b
Bit 3:2 = Status Register Polling Device Busy
= 01b: Legacy status polling supported = Use legacy polling by reading the Status
Register with 05h instruction and checking WIP bit[0] (0=ready; 1=busy).
Bits 1:0 = RFU = 11b
Binary Fields: 0-10111001-10101011-01-00010-1111-01-11
Nibble Format: 0101_1100_1101_0101_1010_0010_1111_0111
Hex Format: 5C_D5_A2_F7
65h
A2h
66h
D5h
67h
5Ch
68h
JEDEC
Basic
Flash
Parameter
Dword-15
19h
Bits 31:24 = RFU = FFh
Bit 23 = Hold and WP Disable = set QE(bit 1 of SR2) high = 1b
Bits 22:20 = Quad Enable Requirements
= 101b: QE is bit 1 of the status register 2. Status register 1 is read using Read
Status instruction 05h. Status register 2 is read using instruction 35h. QE is set via
Write Status instruction 01h with two data bytes where bit 1 of the second byte is
one. It is cleared via Write Status with two data bytes where bit 1 of the second byte
is zero.
Bits 19:16 0-4-4 Mode Entry Method
= xxx1b: Mode Bits[7:0] = A5h Note: QE must be set prior to using this mode
+ x1xxb: Mode Bits[7:0] = Axh
+ 1xxxb: RFU
= 1101b
Bits 15:10 0-4-4 Mode Exit Method
= xx_xxx1b: Mode Bits[7:0] = 00h will terminate this mode at the end of the current
read operation
+ xx_1xxxb: Input Fh (mode bit reset) on DQ0-DQ3 for 8 clocks. This will terminate
the mode prior to the next read operation.
+ 11_x1xx: RFU
= 111101b
Bit 9 = 0-4-4 mode supported = 1
Bits 8:4 = 4-4-4 mode enable sequences = 0_0001b: set QE per QER description
above, then issue instruction 38h
Bits 3:0 = 4-4-4 mode disable sequences
= xxx1b: issue FFh instruction
+ 1xxxb: issue the Soft Reset 66/99 sequence
= 1001b
Binary Fields: 11111111-1-101-1101-111101-1-00001-1001
Nibble Format: 1111_1111-1101-1101-1111_0110_0001-1001
Hex Format: FF_DD_F6_19
69h
F6h
6Ah
DDh
6Bh
FFh
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com