công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T25S32ASIPT bảng dữ liệu(PDF) 28 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện T25S32ASIPT
Giải thích chi tiết về linh kiện  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S32ASIPT bảng dữ liệu(HTML) 28 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S32ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 28Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 31Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 32Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
28
The BP method allows a portion as small as 4-kB sector or the entire memory array to be configured as
read only. Used in conjunction with the Write Protect (WP#) pin, changes to the Status Register can be
enabled or disabled under hardware control. See the Table 6.4 for further information.
The
HM25Q128A
also provides another Write Protect method using the Individual Block Locks. Each
64KB block (except the top and bottom blocks, total of 126 blocks) and each 4KB sector within the top/bottom
blocks (total of 32 sectors) are equipped with an Individual Block Lock bit. When the lock bit is 0, the
corresponding sector or block can be erased or programmed; when the lock bit is set to 1, Erase or Program
commands issued to the corresponding sector or block will be ignored. When the device is powered on, all
Individual Block Lock bits will be 1, so the entire memory array is protected from Erase/Program. An
“
Individual Block Unlock (39h)” instruction must be issued to unlock any specific sector or block.
Additionally, the Deep Power-Down (DPD) command offers an alternative means of data protection as all
commands are ignored during the DPD state, except for the Release from Deep-Power-Down (RES ABh)
command. Thus, preventing any program or erase during the DPD state.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com