| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT7697DN bảng dữ liệu(PDF) 28 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697DN bảng dữ liệu(HTML) 28 Page - List of Unclassifed Manufacturers |
|
28 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 28 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. NVIC No. Interrupt source Power domain /subsystem External interrupt Wake-up capability (1) De-bounce Description INT9 BTIF CM4_OFF/MCUSYS_CM4 Bluetooth interface in CM4 subsystem INT10 WDT_CM4 TOP_AON/MCUSYS_CM4 V Watchdog timer in CM4 subsystem INT11 N9_TO_CM4 _SW1 TOP_AON/MCUSYS_N9 V N9 software interrupt to CM4 INT12 SPI_S CM4_OFF/MCUSYS_CM4 SPI slave INT13 WDT_N9 TOP_AON/MCUSYS_N9 V Watchdog timer in N9 subsystem INT14 ADC CM4_OFF/MCUSYS_CM4 Auxiliary ADC FIFO INT15 IRTX CM4_OFF/MCUSYS_CM4 IrDA TX INT16 IRRX CM4_OFF/MCUSYS_CM4 IrDA RX INT17 (Reserved) INT18 (Reserved) INT19 RTC_TIMER RTC V RTC timer interrupt INT20 GPT3 CM4_OFF/MCUSYS_CM4 V GPT3 time-out INT21 RTC_ALARM RTC V RTC alarm interrupt INT22 (Reserved) INT23 N9_TO_CM4 _SW2 TOP_AON/MCUSYS_N9 V N9 software interrupt to CM4 INT24 GPT TOP_CON/MCUSYS_CM4 V GPT0 or GPT1 time-out INT25 ADC_COMP TOP_AON V ADC comparison mode INT26 (Reserved) INT27 SPI CM4_OFF/MCUSYS_CM4 SPI transaction INT28 (Reserved) INT29 (Reserved) INT30 (Reserved) INT31 WIC TOP_AON/MCUSYS_CM4 V (2) WIC WAKEUP interrupt CM4 INT32 SWD_CLK TOP_AON WIC[0] V Available GPIO[2] INT33 I2C1_DATA TOP_AON WIC[1] V Available GPIO[25] INT34 I2C0_CLK TOP_AON WIC[2] V Available GPIO[27] INT35 I2S_MCLK_S PI_MOSI TOP_AON WIC[3] V Available GPIO[29] INT36 I2S_BCLK_S PI_CS TOP_AON WIC[4] V Available GPIO[32] INT37 ANT_SEL0 TOP_AON WIC[5] V Available GPIO[33] INT38 ANT_SEL1 TOP_AON WIC[6] V Available GPIO[34] INT39 GPIO17 TOP_AON WIC[7] V Available GPIO[36] INT40 ADC0 TOP_AON WIC[8] V Available GPIO[57] INT41 ADC1 TOP_AON WIC[9] V Available GPIO[58] |