| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT7697D bảng dữ liệu(PDF) 40 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697D bảng dữ liệu(HTML) 40 Page - List of Unclassifed Manufacturers |
|
40 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 40 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Function-[9:1]-AON and Function-[9:0] can all be output to PINX by setting pinx_pinmux_aon_sel and pinx_pinmux_off_sel, as shown in Figure 2-12 below. Function-[9:1]-AON signals are part of TOP_AON domain and Function-[9:0] signals are part of TOP_OFF (N9) domain. The output of the pad is enabled through E and G pad controls which require 2’b11 for digital output mode. For a specific pin there could be only a limited number of functions available, these functions are mapped anywhere to the different inputs of the muxes (not always in an incremental scheme). TOP_AON domain means the circuit is always powered on when PMU supplies the power. TOP_OFF (N9) domain means the N9 related circuit is powered off in some scenarios when PMU supplies the power. PU PD IO E G O AIO_ANALOG_DONT_TOUCH Logic 1 ->Switch on 0 1 pinx_pinmux_aon_sel pinx_pinmux_off_sel Function 0 (O) Function 1 AON (O) PAD_PINX Function 1 (O) Function 2 (O) Function 9 (O) 2 Function 2 AON (O) 0 1 2 9 I PINX 1'b1 1'b1 TOP_OFF(N9) domain TOP_AON domain ISO Function 9 AON (O) 9 Figure 2-12. AGPIO Configured as Output Multiplexing Input Signal Multiplexing Figure 2-13 below shows that PINX is the source of Function-AON-0, while PINX and PINY can both be the input source for Function-1. The (E, G) setting for both IO is 2’b01 for digital input mode. |