| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP245F bảng dữ liệu(PDF) 46 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP245F bảng dữ liệu(HTML) 46 Page - Power Integrations, Inc. |
|
46 / 52 page ![]() TOP242-250 O 11/05 46 PART ORDERING INFORMATION TOPSwitch Product Family GX Series Number Package Identifier G Plastic SMD-8B (TOP242-246 only) P Plastic DIP-8B (TOP242-246 only) Y Plastic TO-220-7C R Plastic TO-263-7C (available only with TL option) F Plastic TO-262-7C Lead Finish Blank Standard (Sn Pb) N Pure Matte Tin (Pb-Free) (P, G, Y & F Packages) Tape & Reel and Other Options Blank Standard Configurations TL Tape & Reel, (G Package: 1000 min., R Package: 750 min.) TOP 242 G N - TL |