| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT7697 bảng dữ liệu(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697 bảng dữ liệu(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 81 page ![]() MT7697 Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 45 of 81 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Table 2-17. SPI Pin Description Signal Name Signal Description Direction CS Chip select Output SCK Serial clock Output MISO Master in, Slave out Input MOSI Master out, Slave in Output Figure 2-19. SPI Timing Diagram 2.5.6 SPI Slave Interface 2.5.7 I2S Interface MT7697 features one I2S interface, which is used to connect to an external audio codec. The I2S interface can support the I2S slave mode only. The five I2S signals are shown below. The I2S_MLK clock frequency is 16MHz. CS_N SCK (CPOL=0) SCK Edge Number SCK (CPOL=1) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SAMPLE MOSI/MISO (CPHA=0) SAMPLE MOSI/MISO (CPHA=1) Data Transmission CS_N idle time CS_N setup time CS_N hold time |