công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLD500 bảng dữ liệu(PDF) 13 Page - Wavelength Electronics, Inc.

tên linh kiện PLD500
Giải thích chi tiết về linh kiện  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WAVELENGTH [Wavelength Electronics, Inc.]
Trang chủ  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD500 bảng dữ liệu(HTML) 13 Page - Wavelength Electronics, Inc.

Back Button PLD500 Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 10Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 11Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 12Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 15Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 16Page - Wavelength Electronics, Inc. PLD500 Datasheet HTML 17Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
© 2019
www.teamWavelength.com
13
PLD SERIES LASER DIODE DRIVER
ADJUST THE OUTPUT CURRENT SETPOINT—
ONBOARD CONTROL
To increase the output current, turn the onboard trimpot
clockwise; turn counter-clockwise to decrease output
current.
While adjusting the output current, measure the voltage on
pin 7, I Monitor. Use the transfer function listed in
Table 2 to
determine the output current from the monitor voltage.
ADJUST THE OUTPUT CURRENT SETPOINT—
ANALOG INPUT
To use the Analog Input on pin 9 to adjust the output current,
refer to Pin Descriptions on
page 5 for specifications.
The analog input signal sums with the onboard trimpot
value.
Refer to the External Setpoint Circuit on
page 15 for an
example analog input circuit. Other circuits, a DAC signal,
or function generator may be used.
COMBINING THE ONBOARD SETPOINT AND
ANALOG INPUT
The Analog Input voltage signal on pin 9 sums with the
onboard trimpot setpoint. This configuration allows the
driver to be configured so that the laser current or power
modulates around a DC setpoint.
If the sum of the two signals causes the PLD to attempt to
drive the output current past the limit, the output will switch
off and indicate a current limit error.
To avoid driving the current to the limit, first set the onboard
trimpot to produce the Constant Current level. Then connect
the modulation source to the Analog Input pin and slowly
increase the modulation amplitude. Monitor the output
current using the I Monitor pin, or by measuring the voltage
across the test load. Do not monitor the voltage across a
laser diode—measurement transients may damage the
laser diode.
CURRENT LIMIT CIRCUIT TRIGGER AND RESET
If the PLD detects current limit, the output will switch off and
the LIMIT I LED on the top of the unit will illuminate red. Set
the Enable switch to OFF, correct the cause of the error,
and then re-enable the output. Toggling the Output Current
switch on the PLDEVALPCB board will clear the current limit
latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com