| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25LE80CQJG bảng dữ liệu(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE80CQJG bảng dữ liệu(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
17 / 68 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE80C 17 7.3 Write Enable for Volatile Status Register (50H) The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to change the system configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. The Write Enable for Volatile Status Register command must be issued prior to a Write Status Register command and any other commands can't be inserted between them. Otherwise, Write Enable for Volatile Status Register will be cleared. The Write Enable for Volatile Status Register command will not set the Write Enable Latch bit, it is only valid for the Write Status Register command to change the volatile Status Register bit values. Figure 4. Write Enable for Volatile Status Register Sequence Diagram 7.4 Read Status Register (RDSR) (05H or 35H) The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in progress, it is recommended to check the Write in Progress (WIP) bit before sending a new command to the device. It is also possible to read the Status Register continuously. For command code “05H”, the SO will output Status Register bits S7~S0. The command code “35H”, the SO will output Status Register bits S15~S8. Figure 5. Read Status Register Sequence Diagram Command 0 1 2 3 4 5 6 7 05H or 35H CS# SCLK SI SO High-Z 8 9 10 11 12 13 14 15 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 MSB S7~S0 or S15~S8 out S7~S0 or S15~S8 out MSB CS# SCLK Command(50H) SI SO 0 1 2 3 4 5 6 7 High-Z |