| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25LQ80C bảng dữ liệu(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LQ80C bảng dữ liệu(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
18 / 68 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LQ80C 18 Register (WRSR) command also allows the user to set or reset the Status Register Protect (SRP1 and SRP0) bits in accordance with the Write Protect (WP#) signal. The Status Register Protect (SRP1 and SRP0) bits and Write Protect (WP#) signal allow the device to be put in the Hardware Protected Mode. The Write Status Register (WRSR) command is not executed once the Hardware Protected Mode is entered. Figure6. Write Status Register Sequence Diagram 7.6 Read Data Bytes (READ) (03H) The Read Data Bytes (READ) command is followed by a 3-Byte address (A23-A0), and each bit is latched-in on the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit is shifted out, at a Max frequency fR, on the falling edge of SCLK. The first Byte addressed can be at any location. The address is automatically incremented to the next higher address after each Byte of data is shifted out. The whole memory can, therefore, be read with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress. Figure7. Read Data Bytes Sequence Diagram 7.7 Read Data Bytes at Higher Speed (Fast Read) (0BH) The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-Byte address (A23-A0) and a dummy Byte, and each bit is latched-in on the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit is shifted out, at a Max frequency fC, on the falling edge of SCLK. The first Byte addressed can be at any location. The address is automatically incremented to the next higher address after each Byte of data is shifted out. Command 0 1 2 3 4 5 6 7 01H CS# SCLK SI SO High-Z 8 9 10 11 12 13 14 15 MSB 7 6 5 4 3 2 1 0 Status Register in 16 17 18 19 20 21 22 23 15 14 13 12 11 10 9 8 Command 0 1 2 3 4 5 6 7 03H CS# SCLK SI SO High-Z 8 9 10 28 29 30 31 32 MSB 3 2 1 0 34 35 36 37 33 23 22 21 7 6 5 4 3 2 1 0 38 39 24-bit address MSB Data Out1 Data Out2 |