công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DWIS bảng dữ liệu(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DWIS
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DWIS bảng dữ liệu(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DWIS Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DWIS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
35
7.14. Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the lowest
address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in followed Figure14. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte
of data is shifted out. The default read mode is 3-byte address mode, and the lower 128Mbit can be read with a single Quad
I/O Word Fast Read (E7H) command. By entering 4-byte address mode, or to set EN4B (S11) bit to 1, the higher 128Mbit
can be read with a single Quad I/O Word Fast Read (E7H) command.
Quad I/O Word Fast Read with
“Continuous Read Mode”
The Quad I/O Word Fast Read command can further reduce command overhead through setting the
“Continuous
Read Mode
” bits (M7-0) after the input 3-byte address (A23-A0) or a 4-byte address (A31-A0). If the “Continuous Read
Mode
” bits (M5-4) = (1, 0), then the next Quad I/O Word Fast Read command (after CS# is raised and then lowered) does
not require the E7H command code. The command sequence is shown in followed Figure14. If the
“Continuous Read Mode”
bits (M5-4) do not equal to (1, 0), the next command requires the first E7H command code, thus returning to normal operation.
Figure14. Quad I/O Word Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Command
0
1
2
3
4
5
6
7
E7H
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
IO2
IO3
4
5
6
7
Dummy
Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.
Figure14a. Quad I/O Word Fast Read Sequence Diagram (M5-4= (1, 0))
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.
0
1
2
3
4
5
6
7
CS#
SCLK
8
9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
IO2
IO3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
5
6
7
A23-16 A15-8 A7-0
M7-0 Dummy Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com