| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25LD80C bảng dữ liệu(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LD80C bảng dữ liệu(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
8 / 42 page ![]() 1.8V Uniform Sector Standard and Dual Serial Flash GD25LD80C 8 4. DEVICE OPERATION SPI Mode Standard SPI The GD25LD80C features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK. Dual SPI The GD25LD80C supports Dual Output operation when using the “Dual Output Fast Read” (3BH) commands. These commands allow data to be transferred to or from the device at twice the rate of the standard SPI. When using the Dual Output command the SI and SO pins become bidirectional I/O pins: IO0 and O1. |