công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB64CVIG bảng dữ liệu(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB64CVIG
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CVIG bảng dữ liệu(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CVIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
46
7.28 Read Unique ID (4BH)
The Read Unique ID command accesses a factory-set read-only 128bit number that is unique to each device. The
Unique ID can be used in conjunction with user software methods to help prevent copying or cloning of a system.
The Read Unique ID command sequence: CS# goes low  sending Read Unique ID command  3-Byte Address
(000000H) Dummy Byte128bit Unique ID Out CS# goes high.
Figure30. Read Unique ID Sequence Diagram
Command
0
1
2
3
4
5
6
7
4BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
(000000H)
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com