công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB64C bảng dữ liệu(PDF) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB64C
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C bảng dữ liệu(HTML) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
42
7.24 Read Manufacture ID/ Device ID Quad I/O (94H)
The Read Manufacturer/Device ID Quad I/O command is an alternative to the Release from Power-Down / Device ID
command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID by quad I/O.
The command is initiated by driving the CS# pin low and shifting the command code “94H” followed by a 24-bit
address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of
SCLK with most significant bit (MSB) first as shown in Figure26. If the 24-bit address is initially set to 000001H, the Device
ID will be read first.
Figure26. Read Manufacture ID/ Device ID Quad I/O Sequence Diagram
Command
0
1
2
3
4
5
6
7
94H
CS#
SCLK
IO0
IO1
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
IO2
IO3
Dummy
MFR ID
DID
CS#
SCLK
24 25 26 27 28 29 30 31
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
MFR ID
(Repeat)
DID
(Repeat)
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
MFR ID
(Repeat)
DID
(Repeat)
IO0
IO1
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com