công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25D10CKEG bảng dữ liệu(PDF) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25D10CKEG
Giải thích chi tiết về linh kiện  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D10CKEG bảng dữ liệu(HTML) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D10CKEG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CKEG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D10C/05C
32
9. ORDERING INFORMATION
*Please contact GigaDevice sales for automotive products.
Packing
T or no mark: Tube
Y: Tray
R: Tape and Reel
Green Code
G: Pb Free + Halogen Free Green Package
Temperature Range
I: Industrial (-40
℃ to +85℃)
J: Industrial (-40
℃ to +105℃)
E: Industrial (-40
℃ to +125℃)
F: Industrial+ (-40
℃ to +85℃)
3: Automotive (-40
℃ to +85℃)*
2: Automotive (-40
℃ to +105℃)*
A: Automotive (-40
℃ to +125℃)*
Package Type
T: SOP8 150mil
S: SOP8 208mil
O: TSSOP8 173mil
P: DIP8 300mil
K: USON8 (1.5x1.5mm)
E: USON8 (3x2mm, 0.45mm thickness)
Generation
C: C Version
Density
10: 1M bit
05: 512K bit
Series
D: 3V, 4KB Uniform Sector
Product Family
25: SPI Interface Flash
X X X
GD XX XX XX X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42