công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB32D bảng dữ liệu(PDF) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB32D
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB32D bảng dữ liệu(HTML) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB32D Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB32D Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB32D
65
10.5. Package WSON8 (6*5mm)
D
E
Top View
D2
E2
L
b
e
Bottom View
c
A1
A
Side View
PIN 1#
1
4
8
5
Dimensions
Symbol
A
A1
c
b
D
D2
E
E2
e
L
Unit
mm
Min
0.70
0.00
0.180
0.35
5.90
3.30
4.90
3.90
1.27
0.50
Nom
0.75
0.02
0.203
0.40
6.00
3.40
5.00
4.00
0.60
Max
0.80
0.05
0.250
0.50
6.10
3.50
5.10
4.10
0.75
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package lead frames. These lead
shapes are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67