| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD9FS1G8F2ADG bảng dữ liệu(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD9FS1G8F2ADG bảng dữ liệu(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
41 / 55 page ![]() GD9Fx1GxF2A 41 9. ABSOLUTE MAXIMUM RATINGS Parameter Symbol Value Unit Voltage on any pin relative to VSS VIN/OUT -0.6 to + 4.6 V VCC -0.6 to + 4.6 Temperature Under Bias TBIAS -50 to +125 °C Storage Temperature TSTG -65 to +150 °C Notes: 1. Minimum DC voltage is -0.6V on input/output pins. 2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |