| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD5F2GQ4RE9JS bảng dữ liệu(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RE9JS bảng dữ liệu(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
14 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 14 7 FEATURE OPERATIONS 7.1 Get Features (0FH) and Set Features (1FH) The GET FEATURES (0FH) and SET FEATURES (1FH) commands are used to monitor the device status and alter the device behavior. These commands use a 1-byte feature address to determine which feature is to be read or modified. Features such as OTP and block locking can be enabled or disabled by setting specific feature bits (shown in the following table). The status register is mostly read, except WEL, which is a writable bit with the WRITE ENABLE (06H) command. When a feature is set, it remains active until the device is power cycled or the feature is written to. Unless otherwise specified in the following table, once the device is set, it remains set, even if a RESET (FFH) command is issued. Table7-1. Features Settings Register Addr. 7 6 5 4 3 2 1 0 Protection A0H BRWD Reserved BP2 BP1 BP0 INV CMP Reserved Feature B0H OTP_PRT OTP_EN Reserved ECC_EN Reserved Reserved Reserved QE Status C0H Reserved Reserved ECCS1 ECCS0 P_FAIL E_FAIL WEL OIP Feature D0H HOLDB/RST DS_S1 DS_S0 Reserved Reserved Reserved Reserved Reserved Status F0H Reserved Reserved ECCSE1 ECCSE0 Reserved Reserved Reserved Reserved Note: If BRWD is enabled and WP# is LOW, then the block lock register cannot be changed. If QE is enabled, the quad IO operations can be executed. All the reserved bits must be held low when the feature is set. 00h is the default data byte value for Output Driver Register after power-up. HOLDB/RST is for WSON8 Package only. By default HOLDB/RST registers is 0 after power-on-reset or hardware reset, and this bit default is HOLD function. Figure7-1. Get Features Sequence Diagram Command 0 1 2 3 4 5 6 7 0FH CS# SCLK SI SO High-Z 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 MSB 1 byte address Data byte MSB Note: The output would be updated by real-time, until CS# is driven high. |