| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD5F1GQ4RF9JS bảng dữ liệu(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4RF9JS bảng dữ liệu(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
58 / 59 page ![]() SPI(x1/x2/x4) NAND Flash 1G 58 Update the Ordering Information 2.3 Add Note describe the spare size with Internal ECC ON. Add the Array Organization with Internal ECC ON. Add Note of Address with Internal ECC ON. Add “Power Off Timing” in Device Operation. Update the Important Notice. “Customers shall discard the device according to the local environmental law. ” Correct “ABSOLUTE MAXIMUM RATINGS” Applied Input/ Output Voltage Remove CID function 2019-3-22 4/9 9 45 12 60 47 25 |