| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD5F1GQ4RFZFS bảng dữ liệu(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4RFZFS bảng dữ liệu(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
13 / 59 page ![]() SPI(x1/x2/x4) NAND Flash 1G 13 6 COMMANDS DESCRIPTION Table6-1. Commands Set Command Name Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 Byte N Write Enable 06H Write Disable 04H Get Features 0FH A7-A0 (D7-D0) Wrap(9) Set Feature 1FH A7-A0 (D7-D0) dummy(1) Read UID EDH 00H Read parameter page 13H A23-A16 A15-A8 A7-A0 Page Read (to cache) 13H A23-A16 A15-A8 A7-A0 Read From Cache 03H dummy(2) A15-A8 A7-A 0(8) (D7-D0) Fast Read From Cache 0BH dummy(2) A15-A8 A7-A0 dummy(2) (D7-D0) Read From Cache x 2 3BH dummy(2) A15-A8 A7-A0 dummy(2) (D7-D0)x2 Read From Cache x 4 6BH dummy(2) A15-A8 A7-A0 dummy(2) (D7-D0)x4 Read From Cache Dual IO BBH A15-A0 dummy(3) (D7-D0)x2 Read From Cache Quad IO EBH A15-A0(4) (D7-D0)x4 Read ID(5) 9FH MID DID DID Program Load 02H A15-A8 A7-A0 (D7-D0) Next byte Byte N Program Load x4 32H A15-A8 A7-A0 (D7-D0)x4 Next byte Byte N Program Execute 10H A23-A16 A15-A8 A7-A0 Program Load Random Data 84H(7) A15-A8 A7-A0 (D7-D0) Next byte Byte N Program Load Random Data x4 C4H/34H(7) A15-A8 A7-A0 (D7-D0)x4 Next byte Byte N Block Erase(128K) D8H A23-A16 A15-A8 A7-A0 Reset(6) FFH Notes: 1. The dummy byte can be inputted or not. 2. The x8 clock = dummy<7:0>. 3. The x8 clock = dummy<7:0>, D7-D0. 4. The x8 clock = A15-A0, dummy<7:0>, D7-D0. 5. MID is Manufacture ID (C8h for GigaDevice), DID is Device ID. 6. Reset command: • During busy, Reset will reset PAGE READ/PROGRAM/ERASE operation. • During idle, Reset will reset status register bits P_FAIL/E_FAIL/ECCS bits. 7. Those commands are only available in Internal Data Move operation. 8. A0 need be 0 for the 03H command. 9. The output would be updated by real-time, until CS# is driven high. 10. Read UID/parameter page all are same as page read to cache. |