| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD5F1GQ4RE9JS bảng dữ liệu(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4RE9JS bảng dữ liệu(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
59 / 60 page ![]() SPI(x1/x2/x4) NAND Flash 1G 59 2.1 Modify the Value of Applied Input/ Output Voltage and VCC in Chapter15 Modify the description of LGA8 6*8mm package Update Ordering Information Jul.25, 2018 2.2 Add Note2 to Table13-7 Aug.22, 2018 2.3 Modify the file name Update the ordering information Oct.16, 2018 2.4 Add Note describe the spare size with Internal ECC ON. Add the Array Organization with Internal ECC ON. Add Note of Address with Internal ECC ON. Add “Power Off Timing” in 4 Device Operation. Correct the ID table, delete useless description. Update the Important Notice. “Customers shall discard the device according to the local environmental law. ” Correct “ABSOLUTE MAXIMUM RATINGS” Applied Input/ Output Voltage Remove CID function Mar.22.2019 4/9 9 46 12 23 61 48 25 |