công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2850 bảng dữ liệu(PDF) 1 Page - Maxim Integrated Products

tên linh kiện MAX2850
Giải thích chi tiết về linh kiện  5GHz, 4-Channel MIMO Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2850 bảng dữ liệu(HTML) 1 Page - Maxim Integrated Products

  MAX2850 Datasheet HTML 1Page - Maxim Integrated Products MAX2850 Datasheet HTML 2Page - Maxim Integrated Products MAX2850 Datasheet HTML 3Page - Maxim Integrated Products MAX2850 Datasheet HTML 4Page - Maxim Integrated Products MAX2850 Datasheet HTML 5Page - Maxim Integrated Products MAX2850 Datasheet HTML 6Page - Maxim Integrated Products MAX2850 Datasheet HTML 7Page - Maxim Integrated Products MAX2850 Datasheet HTML 8Page - Maxim Integrated Products MAX2850 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
General Description
The MAX2850 is a single-chip, 4-channel RF transmitter
IC designed for 5GHz wireless HDMI applications. The
IC includes all circuitry required to implement the com-
plete 4-channel MIMO RF transmitter function and crystal
oscillator, providing a fully integrated transmit path, VCO,
frequency synthesis, and baseband/control interface.
It includes a fast-settling, sigma-delta RF fractional
synthesizer with 76Hz frequency programming step
size. The IC also integrates on-chip I/Q amplitude and
phase-error calibration circuits. Dynamic on/off control
of four external PAs is implemented with programmable
precision voltages. A 4-to-1 analog mux routes external
PA power-detect voltages to the RSSI pin.
On-chip monolithic filters are included for transmitter I/Q
baseband signal reconstruction to support both 20MHz
and 40MHz RF channels. The baseband filtering and
Tx signal paths are optimized to meet stringent WHDI
requirements. The upconverter local oscillator is coherent
among all the transmitter channels.
The reverse-link control channel uses an on-chip 5GHz
OFDM receiver. It shares the RF synthesizer and LO gen-
eration circuit with the MIMO transmitters. The receiver
includes both an in-channel RSSI and an RF RSSI.
The MIMO transmitter chip is housed in a small, 68-pin
thin QFN leadless plastic package with exposed pad.
Applications
● 5GHz Wireless HDMI (WHDI)
● 5GHz FDD Backhaul and WiMax™
● 5GHz MIMO Transmitter Up to Four Spatial Streams
● 5GHz Beam Steering Transmitter
Features
● 5GHz 4x MIMO Downlink Transmitters, Single
Uplink IEEE 802.11a Receiver
• 4900MHz to 5900MHz Frequency Range
• -5dBm Transmit Power (54Mbps OFDM)
• Coherent LO Among Transmitters
• 31dB Tx Gain-Control Range with 0.5dB Step Size,
Digitally Controlled
Tx/Rx I/Q Error and LO Leakage Detection and
Adjustment
• Programmable 20MHz/40MHz Tx I/Q Lowpass
Anti-Aliasing Filter
• 4-to-1 Analog Mux for PA Power Detect
• 4-Channel PA On/Off Control
• 4.5dB Rx Noise Figure
• 70dB Rx Gain-Control Range with 2dB Step Size,
Digitally Controlled
• 60dB Dynamic Range Receiver RSSI
• RF Wideband Receiver RSSI
• Programmable 20MHz/40MHz Rx I/Q Lowpass
Channel Filters
• Sigma-Delta Fractional-N PLL with 76Hz
Resolution
• Monolithic Low-Noise VCO with -35dBc Integrated
Phase Noise
• 4-Wire SPI™ Digital Interface
• I/Q Analog Baseband Interface
• Digital Tx/Rx Mode Control
• On-Chip Digital Temperature Sensor Readout
• Complete Baseband Interface
• Digital Tx/Rx Mode Control
● +2.7V to +3.6V Supply Voltage
● Small, 68-Pin Thin QFN Package (10mm x 10mm)
Typical Operating Circuit appears at end of data sheet.
WiMax is a trademark of WiMax Forum.
SPI is a trademark of Motorola, Inc.
19-5009; Rev 2; 1/19
*EP = Exposed pad.
+Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX2850ITK+
-25°C to +85°C
68 Thin QFN-EP*
MAX2850
5GHz, 4-Channel MIMO Transmitter
Click
here for production status of specific part numbers.


Số phần tương tự - MAX2850

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX2850 MAXIM-MAX2850 Datasheet
3Mb / 26P
4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
More results

Mô tả tương tự - MAX2850

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX2172ETL MAXIM-MAX2172ETL Datasheet
4Mb / 38P
5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
logo
Laird Tech Smart Techno...
VLQ69273X21G LSTD-VLQ69273X21G Datasheet
591Kb / 2P
Vehicular 4-Port MIMO Antenna
VLQ69273X22N LSTD-VLQ69273X22N Datasheet
588Kb / 1P
Vehicular 4-Port MIMO Antenna
VLQ24593XN4N LSTD-VLQ24593XN4N Datasheet
1Mb / 2P
Vehicular 4-Port MIMO Antenna
logo
Maxim Integrated Produc...
MAX2851 MAXIM-MAX2851 Datasheet
3Mb / 37P
5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-18A COMPEX-WLE650V5-18A Datasheet
871Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-25A COMPEX-WLE650V5-25A Datasheet
1,009Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com