công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APBL3025YSGC-F01 bảng dữ liệu(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện APBL3025YSGC-F01
Giải thích chi tiết về linh kiện  3.0 x 2.5 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APBL3025YSGC-F01 bảng dữ liệu(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APBL3025YSGC-F01 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APBL3025YSGC-F01 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APBL3025YSGC-F01 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APBL3025YSGC-F01 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAF1336 / 1203000946 Rev No: V.9B Date: 08/15/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APBL3025YSGC-F01
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Yellow
Super Bright Green
590
565
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Yellow
Super Bright Green
588
568
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Yellow
Super Bright Green
35
30
-
nm
Capacitance
C
Yellow
Super Bright Green
20
15
-
pF
Forward Voltage IF = 20mA
VF
[2]
Yellow
Super Bright Green
2.1
2.2
2.5
2.5
V
Reverse Current (VR = 5V)
IR
Yellow
Super Bright Green
-
10
10
uA
Parameter
Symbol
Value
Unit
Yellow
Super Bright Green
Power Dissipation
PD
75
62.5
mW
Reverse Voltage
VR
5
5
V
Junction Temperature
TJ
110
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +85
°C
DC Forward Current
IF
30
25
mA
Peak Forward Current
IFM
[1]
140
140
mA
Electrostatic Discharge Threshold (HBM)
-
8000
8000
V



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com