| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS699LSN bảng dữ liệu(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS699LSN bảng dữ liệu(HTML) 12 Page - Allegro MicroSystems |
|
12 / 15 page ![]() Two-Wire, Differential, Vibration-Resistant Sensor with Speed and Direction Output ATS699LSN 12 Allegro MicroSystems, LLC 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Algorithms embedded in the IC’s digital controller detect the presence of target vibration through analysis of the two magnetic input channels. For the –xxxxL variant, the first direction change is immediately transmitted to the output. During any subsequent vibration, the output is blanked and no output pulses will occur for vibrations less than the specified vibration immunity. Output pulses contain- ing the proper direction information will resume when direction information is validated on constant target rotation. For the –xxxxH variant, in the presence of vibration, output pulses of tw(ND) may occur or no pulses may occur, depending on the amplitude and phase of the vibration. Output pulses have a width of tw(ND) until direction information is validated on con- stant target rotation. Vibration Detection t Target Differential Magnetic Profile Normal Target Rotation Vibration Normal Target Rotation tW(FWD) tW(FWD) [ or tW(REV) ] [ or tW(REV) ] tW(FWD) tW(FWD) [ or tW(REV) ] [ or tW(REV) ] [ or tW(FWD) ] tW(REV) Tooth Valley Figure 12: Output Functionality in the Presence of Running Mode Target Vibration (-xxxxL Variant) t Target Differential Magnetic Profile Normal Target Rotation Vibration Normal Target Rotation tW(ND) tW(ND) tW(ND) tW(FWD) [ or tW(REV) ] tW(FWD) tW(FWD) [ or tW(REV) ] [ or tW(REV) ] Tooth Valley t Target Differential Magnetic Profile Normal Target Rotation Vibration Normal Target Rotation tW(ND) tW(ND) tW(FWD) [ or tW(REV) ] tW(FWD) tW(FWD) [ or tW(REV) ] [ or tW(REV) ] Tooth Valley Figure 13: Output Functionality in the Presence of Running Mode Target Vibration (-xxxxH Variant) |