công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A19530LUCX-TN-RDMOOEG-A bảng dữ liệu(PDF) 9 Page - Allegro MicroSystems

tên linh kiện A19530LUCX-TN-RDMOOEG-A
Giải thích chi tiết về linh kiện  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A bảng dữ liệu(HTML) 9 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 5Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 6Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 7Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 8Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 9Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
9
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
BOP
BOP
BRP
BRP
BOP
Device Orientation to Target
IC
F3
F2
F1
(Pin 1 Side)
(Pin 3 Side)
Package Case Branded Face
Target Magnetic Profile
+B
–B
Mechanical Position (Target moves past device pin 1 to pin 3)
S
N
N
Target
(Radial Ring Magnet)
This pole
sensed earlier
This pole
sensed later
(Top View of
Package Case)
Channel
Element Pitch
Channel B
Channel A
Channel B
Element Pitch
Channel A
Element Pitch
VOUT(high)
VOUT(low)
VOUT(high)
VOUT(low)
BOP
BRP
BOP
Channel A'
N
IC Internal Differential Analog Signals, VPROC
Device Output Signal (-FOOOOxx- variant)
Device Output Signal (pulse variant)
S
N
N
Device Orientation to Target
(Pin 1
Side)
(Pin 3
Side)
IC
Channel A
Channel B
Package Case
Branded Face
Backbiasing
Magnet
(Top View of
Package Case)
Mechanical Position (Target moves past device pin 1 to pin 3)
This tooth
sensed earlier
This tooth
sensed later
IC
F1
F2
F3
+B
Target
IC Internal Differential Analog Signals, VPROC
Target Magnetic Profile
South Pole
North Pole
BOP
BOP
BRP
BRP
BOP
Channel B
Channel A
VOUT(high)
VOUT(low)
VOUT(high)
VOUT(low)
BOP
BRP
BOP
Channel A'
IC Internal Differential Analog Signals, VPROC
Device Output Signal (-FOOOOxx- variant)
Device Output Signal (pulse variant)
Channel
Element Pitch
Figure 7: The magnetic profile reflects the features of the target,
allowing the sensor IC to present an accurate digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com