công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MICROVISION2 bảng dữ liệu(PDF) 2 Page - MKS Instruments.

tên linh kiện MICROVISION2
Giải thích chi tiết về linh kiện  Stability, Accuracy and Speed The RGA your process can rely on
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MKS [MKS Instruments.]
Trang chủ  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MICROVISION2 bảng dữ liệu(HTML) 2 Page - MKS Instruments.

  MICROVISION2 Datasheet HTML 1Page - MKS Instruments. MICROVISION2 Datasheet HTML 2Page - MKS Instruments. MICROVISION2 Datasheet HTML 3Page - MKS Instruments. MICROVISION2 Datasheet HTML 4Page - MKS Instruments. MICROVISION2 Datasheet HTML 5Page - MKS Instruments. MICROVISION2 Datasheet HTML 6Page - MKS Instruments. MICROVISION2 Datasheet HTML 7Page - MKS Instruments. MICROVISION2 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technology Leadership
MKS was the first company to offer an RGA compatible
with modern Ethernet based web-enabled wide area
network installations. Microvision 2 continues this
development to a level that offers the highest flexibility
and connectivity through the use of industry standard
communication hardware and software.
Microvision 2 optimizes the roles required of a complex
sensor by having two dedicated processors;
•
An optimized, proprietary processor for data
acquisition
•
An industry standard CE operating system processor
for external communications through field proven
TCP-IP technology
The advantages of this design approach are fast, accurate
data from a robust RGA sensor using industry standard,
flexible communication protocols. Microvision 2 also
provides a complete range of additional digital and analog
connections for integrated systems at the best possible
value for your investment.
Avoiding the Cost of
the Unknown . . .
Whether your application is leak checking a sputtering
chamber, obtaining the highest vacuum possible in a
synchrotron or precisely controlling a thin film deposition
layer, the cost of not understanding the details of the
gases in your vacuum chamber can be very expensive.
During the last decade residual gas analysis (RGA) has
evolved into a rugged sensor technique, integrated into
automated process control environments to provide vital
information to engineers on errors within the process and
warn when parameters are starting to move out of control.
The constant challenges for RGA technology are to:
•
Provide the highest sensitivity measurements of the
gas species present in a vacuum
•
Have robust sensors that keep working even in harsh
process environments
•
Acquire the highest quality of data at the fastest
possible speeds
•
Integrate seamlessly into the widest possible range
of hardware and software systems
Microvision 2 is the latest innovation in RGA technology
from MKS, designed to meet all of the traditional
requirements for an RGA sensor but with data collection
at speeds unachievable with previous generation
technologies. In addition, the Microvision 2 is designed
to collect data at millisecond speeds per data point even
when measuring data over the full dynamic range of the
RGA. This capability has been achieved without sacrificing
any of the necessary robustness, reliability and support
which have made MKS the world leader in RGA products
over the widest range of applications from semi-conductor
tools or particle accelerators to general industrial
applications.
Microvision 2 RGAs in situ on a latest generation synchrotron storage ring. Images courtesy of Diamond Light Source, UK.
Microvision 2 is the heart of the Vision 2000 series of process
monitoring RGAs



Html Pages

1 2 3 4 5 6 7 8