| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTM521 bảng dữ liệu(PDF) 4 Page - BUDDIES TECHNOLOGY LIMITED. |
|
|
|||||||||||||||||||||||||||||
BTM521 bảng dữ liệu(HTML) 4 Page - BUDDIES TECHNOLOGY LIMITED. |
|
4 / 21 page ![]() http://www.buddies-tech.com BTM521 DATASHEET 4 1. INTRODUCTION The BTM521 Bluetooth ® module is a perfect solution for enhanced audio applications, such as stereo headphones. It can be connected with any Bluetooth ® devices in an operating range. It is slim and light so the designers can have better flexibilities for the product shapes. The BTM521 Bluetooth ® module complies with Bluetooth® specification version 2.1. It supports HSP, HFP, A2DP, AVRCP profiles. It integrates RF Baseband controller, antenna, etc. and provide UART interface, programmable I/O, stereo speaker output, microphone input,… etc. The detail information of BTM521 Bluetooth ® module is presented in this document below. 1.1 Block Diagram +3V3 BC5 BlueTunes ROM EEPROM I2C |