công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QBSERIES bảng dữ liệu(PDF) 1 Page - DATEL, Inc.

tên linh kiện QBSERIES
Giải thích chi tiết về linh kiện  Wide Input Range 180 to 425 Volts Up to 150 Watts DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DATEL [DATEL, Inc.]
Trang chủ  http://www.datel.com/
Logo DATEL - DATEL, Inc.

QBSERIES bảng dữ liệu(HTML) 1 Page - DATEL, Inc.

  QBSERIES Datasheet HTML 1Page - DATEL, Inc. QBSERIES Datasheet HTML 2Page - DATEL, Inc. QBSERIES Datasheet HTML 3Page - DATEL, Inc. QBSERIES Datasheet HTML 4Page - DATEL, Inc. QBSERIES Datasheet HTML 5Page - DATEL, Inc. QBSERIES Datasheet HTML 6Page - DATEL, Inc. QBSERIES Datasheet HTML 7Page - DATEL, Inc. QBSERIES Datasheet HTML 8Page - DATEL, Inc. QBSERIES Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
July 31 2017 A.01
QB SERIES Quarter-Brick
Wide Input Range 180 to 425 Volts
Up to 150 Watts DC-DC Converter
FEATURES
Isolated Output up to 150 Watts
Quarter Brick Dimension
Wide input range (180 – 425 VDC)
Regulated Outputs
Efficiency up to 89%
Remote On/Off
Continuous Short Circuit Protection
-40 0C to +100 0C
Voltage/Current/Over-temperature Protection
Meet Industrial Standard
Designed to meet UL60950-1 and EN60950
Designed to meet CE Mark 2014/30/EU
PRODUCT OVERVIEW
This QB series offers up to 150 watts of output power and is housed in
an industry standard quarter-brick package with high power density.
This QB series features wide input voltage range from 180 to 425 VDC
(300 Volts nominal), high efficiency, isolation of 3000 VAC and provide a
precise regulated voltage output.
All QB models operate over the temperature range of – 40°C to +105°C.
The modules offer Input under voltage lock out (UVLO), and are fully
protected against output overvoltage and over temperature conditions.
All models have internal over current and continuous short circuit
protection. The output voltage can be trimmed to the required voltage
and the product includes Remote On/Off function.
This QB series provides efficiency up to 89%, meet industrial standard
and is the best choice for military, industrial, distributed power
architectures, telecommunications, and mobile applications.
Please contact DATEL if your application requires different output
voltage or any other special feature.
APPLICATIONS:
Defense
Naval
Distributed Power Systems
mobile equipment
Telecommunications
AVAILABLE OPTIONS
Customizable Input/ Output voltages
Heatsink, customizable packaging
UL/CSA60950-1 and EN60950
CE Mark 2004/108/EC
MODEL NUMBER
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT MAX
EFFICIENCY %
LOAD REGULATION
OPTIONS
QB300S5-30
180-425 VDC
5 VDC
30 A
86
± 0.2 %
N, M
QB300S12-12.5
180-425 VDC
12 VDC
12.5 A
89
± 0.2 %
N, M
QB300S15-8.4
180-425 VDC
15 VDC
8.4 A
89
± 0.2 %
N, M
QB300S24-6.3
180-425 VDC
24 VDC
6.3 A
88
± 0.2 %
N, M
QB300S28-5.4
180-425 VDC
28 VDC
5.4 A
88
± 0.2 %
N, M
QB300S48-3.2
180-425 VDC
48 VDC
3.2 A
89
± 0.2 %
N, M
BLOCK DIAGRAM
Page
1 of 21


Số phần tương tự - QBSERIES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Spectrum Microwave, Inc...
QBS-158 SPECTRUM-QBS-158 Datasheet
43Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
QBS-158 APITECH-QBS-158 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
QBS-204 APITECH-QBS-204 Datasheet
39Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
QBS-227 SPECTRUM-QBS-227 Datasheet
37Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
QBS-227 APITECH-QBS-227 Datasheet
38Kb / 1P
RF AMPLIFIER MODEL
More results

Mô tả tương tự - QBSERIES

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power Mate Technology C...
HAE75W P-DUKE-HAE75W Datasheet
666Kb / 4P
HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 75Watts
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE200 P-DUKE-HAE200 Datasheet
768Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
HAE200W P-DUKE-HAE200W Datasheet
997Kb / 4P
HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 240 Watts
QAE100 P-DUKE-QAE100 Datasheet
687Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 108Watts
QAE100W P-DUKE-QAE100W Datasheet
752Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 90Watts
QAE150 P-DUKE-QAE150 Datasheet
751Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts
QAE150W P-DUKE-QAE150W Datasheet
759Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 132Watts
logo
Wall Industries,Inc.
CMKR WALL-CMKR_18 Datasheet
202Kb / 3P
Up to 6 Watts Single Output DC/DC Converter 2:1 and 4:1 Wide Input Voltage Range
CAH WALL-CAH Datasheet
98Kb / 3P
Single, Dual, and Triple Output Ultra Wide Input Voltage Range Up to 40 Watts DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com