| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S1M8822X01-R0T0 bảng dữ liệu(PDF) 14 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S1M8822X01-R0T0 bảng dữ liệu(HTML) 14 Page - Samsung semiconductor |
|
14 / 22 page ![]() S1M8821/22/23 INTERGER RF/IF DUAL PLL 14 PROGRAMMING DESCRIPTION Control Bits Programmable Reference Counter(IF / RF R Counter) If the Control Bits are 00(IF) or 01(RF), data is moved from the 20-bit shift register into the R-latch which sets the reference counter. Serial data format is shown in the table below. • 15-Bit Programmable Reference Counter Ratio Division ratio : 3 to 32767 Data are shifted in MSB first Control Bits DATA Location C1 C2 0 0 IF R Counter 0 1 RF R Counter 1 0 IF N Counter 1 1 RF N Counter Division Ratio R 15 R 14 R 13 R 12 R 11 R 10 R 9 R 8 R 7 R 6 R 5 R 4 R 3 R 2 R 1 3 000000000000011 4 000000000000100 ² ²²²²²²²²²²²²²²² 32767 111111111111111 C1 C2 R 1 R 2 R 3 R 4 R 5 R 6 R 7 R 8 R 9 R 10 R 11 R 12 R 13 R 14 R 15 R 16 R 17 R 18 R 19 R 20 LSB MSB Program Modes Division Ratio of the R Counter, R Control Bits |