| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2576HV bảng dữ liệu(PDF) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
LM2576HV bảng dữ liệu(HTML) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
13 / 23 page ![]() LM2576/LM2576HV www.artschip.com 13 LM2576 Series Buck Regulator Design Procedure (Continued) FIGURE 7. LM2576(HV)-ADJ PROCEDURE (Adjustable Output Voltage Versions) EXAMPLE (Adjustable Output Voltage Versions) Given: VOUT =Regulated Output Voltage VIN(Max) =Maximum Input Voltage LLOAD(Max)=Maximum Load Current F=Switching Frequency (Fixed at 52KHz) 1. Programming Output Voltage (Selecting R1 and R2, as shown in Figure 2) Use the following formula to select the appropriate resistor values. R1 can be between 1K and 5K. (For best temperature coefficient and stability with time, use 1% metal film resistors) Given: VOUT =10V VIN(Max) =25V ILOAD(Max)=3A F=52KHz 1. Programming Output Voltage (Selecting R1 and R2) R2 = 1K (8.13 -1) = 7.13k, closest 1% value is 7.15k |