| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM81LS97AN bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM81LS97AN bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 6 page ![]() Absolute Maximum Ratings (Note) Supply Voltage 7V Input Voltage 7V Operating Free Air Temperature Range DM74LSDM81LS 0 Cto a70 C Storage Temperature Range b 65 Cto a150 C Note The ‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaran- teed The device should not be operated at these limits the parametric values defined in the ‘‘Electrical Characteristics’’ table are not guaranteed at the absolute maximum ratings The ‘‘Recommended Operating Conditions’’ table will define the conditions for actual device operation Recommended Operating Conditions Symbol Parameter Min Nom Max Units VCC Supply Voltage 475 5 525 V VIH High Level Input Voltage 2 V VIL Low Level Input Voltage 08 V IOH High Level Output Current b 52 mA IOL Low Level Output Current 24 mA TA Free Air Operating Temperature 0 70 C ’LS465 (’LS95A) and ’LS467 (’LS97A) Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted) Symbol Parameter Conditions Min Typ Max Units (Note 1) VI Input Clamp Voltage VCC e Min II eb18 mA b 15 V VOH High Level Output VCC e Min IOH e Max 27 V Voltage VIL e Max VIH e Min VOL Low Level Output VCC e Min IOL e Max 05 Voltage VIL e Max VIH e Min V IOL e 12 mA VCC e Min 04 II Input Current Max VCC e Max VI e 7V 01 mA Input Voltage IIH High Level Input Current VCC e Max VI e 27V 20 m A IIL Low Level Input VCC e Max VI e 05V A (Note 3) b 20 Current VI e 04V A (Note 4) b 50 m A G b 50 IOZH Off-State Output Current VCC e Max VO e 24V with High Level Output VIH e Min VIL e Max 20 m A Voltage Applied IOZL Off-State Output Current VCC e Max VO e 04V with Low Level Output VIH e Min VIL e Max b 20 m A Voltage Applied IOS Short Circuit VCC e Max b 20 b 100 mA Output Current (Note 2) ICC Supply Current VCC e Max (Note 3) 16 26 mA Note 1 All typicals are at VCC e 5V TA e 25 C Note 2 Not more than one output should be shorted at a time and the duration should not exceed one second Note 3 Both G inputs are at 2V Note 4 Both G inputs are at 04V 2 |