| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RGPSM002 bảng dữ liệu(PDF) 13 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
RGPSM002 bảng dữ liệu(HTML) 13 Page - Semtech Corporation |
|
13 / 26 page ![]() © Semtech 2005 www.semtech.com 13 RGPSM002 GPS Receiver 5.3.8 ZDA—Time & Date Description: This message reports current time and date. The ZDA message is defined in Table 16. Name Example Units Description Message ID $GPZDA ZDA protocol header Hour, Min, Sec, Sub Sec 114523.62 hhmmss.ss Day 12 day in UTC, 01 to 31 Month 04 month in UTC, 01 to 12 Year 2001 year in UTC Local Zone Hours 10 local zone hours, +/- 13 hours Local Zone Minutes 34 local zone minutes, 0 to +59 <CR><LF> End of message termination Table 16 ZDA Data Format Example: The values reported in this example are interpreted as shown in Table 15: $GPZDA,114523.62,12,04,2001,10,34*6E 5.3.9 GPQ—NMEA Sentence Query Description: Query of a specific NMEA sentence. Any GGA, GLL, GSA, GSV, RMC, VTG, or ZDA sentence can be queried manually by sending this query sentence to the receiver. The requested sentence will be sent only once. The GPQ message is defined in Table 17. Name Example Units Description Message ID $GPGPQ GPQ protocol header NMEA id RMC Identifier of the requested NMEA sentence: GGA, GLL, GSA, GSV, RMC, VTG, or ZDA <CR><LF> End of message termination Table 17 – GPQ Data format Example: $GPGPQ,RMC*21 $GPRMC,161229.487,A,3723.2475,N,12158.3416,W,0.13,309.62,120598, 02.6,W,A*10 |