| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS3590 bảng dữ liệu(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS3590 bảng dữ liệu(HTML) 21 Page - Semtech Corporation |
|
21 / 118 page ![]() GS3590 Final Data Sheet Rev.4 PDS-061414 September 2017 21 of 118 Semtech Proprietary & Confidential www.semtech.com If the application requires any adjustment of the sampling window, assertion count, or de-assertion count, please consult the following equations to calculate the associated time to assert or de-assert STAT_PRI_CD. STAT_PRI_CD de-assert time: (1.6μs) * (CFG_CD_FILTER_SAMPLE_WIN + 1) * CFG_CD_FILTER_DEASSERT_CNT STAT_PRI_CD assert time: (1.6μs) * (CFG_CD_FILTER_SAMPLE_WIN + 1) * CFG_CD_FILTER_ASSERT_CNT Figure 4-1: STAT_PRI_CD Configuration Parameters 4.2.3.2 Secondary Carrier Detection (STAT_SEC_CD) Configuration The secondary carrier detection signal acts as an additional carrier detection which can be further filtered through squelch controls. It also serves as the control signal for Mute on LOS (Loss Of Signal) and Disable on LOS. Please refer to Section 4.8.7 to Section 4.8.7.3 for further information on this. If the application requires the use of squelch settings, start by setting the following: CFG_SEC_CD_INCL_CLI_SQUELCH = 1 Once this parameter is set, the device will apply squelch based on the settings found within the following parameters: CFG_CLI_SQUELCH_THRESHOLD CFG_CLI_SQUELCH_HYSTERESIS The device will use these parameters to determine squelch status and set that within STAT_CLI_SQUELCH. Based off of this, secondary carrier detection can be described as: STAT_SEC_CD = inverse of (STAT_CLI_SQUELCH & STAT_PRI_CD). Time in clock cycles CFG_CD_FILTER_SAMPLE_WIN CFG_CD_FILTER_ASSERT_CNT =n n=1 n=2 n=3 … CFG_CD_FILTER_DEASSERT_CNT =n n=1 n=2 n=3 … = ASSERT Threshold = DEASSERT Threshold Time in clock cycles CFG_CD_FILTER_SAMPLE_WIN |