công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS3470 bảng dữ liệu(PDF) 85 Page - Semtech Corporation

tên linh kiện GS3470
Giải thích chi tiết về linh kiện  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 bảng dữ liệu(HTML) 85 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 81Page - Semtech Corporation GS3470 Datasheet HTML 82Page - Semtech Corporation GS3470 Datasheet HTML 83Page - Semtech Corporation GS3470 Datasheet HTML 84Page - Semtech Corporation GS3470 Datasheet HTML 85Page - Semtech Corporation GS3470 Datasheet HTML 86Page - Semtech Corporation GS3470 Datasheet HTML 87Page - Semtech Corporation GS3470 Datasheet HTML 88Page - Semtech Corporation GS3470 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
85 of 169
Semtech
www.semtech.com
4.19.3.8 Audio Mute
When the MUTE[B:A] bits in the host interface are set HIGH, the audio outputs are
muted (all audio sample bits are set to zero). To set all the audio output channels to
mute, set the host interface MUTE_ALL bit HIGH.
Mute On Loss Of Lock
When the GS3470 loses lock (LOCKED signal is LOW), the audio de-embedder sets all
audio outputs LOW (no audio formatting is performed). The ACLK, WCLK, and AMCLK
outputs are also forced LOW.
Table 4-25: Audio Mute Control Bits
Name
Description
Default
MUTEB
Mute Secondary output channels 4 to 1; bits
3:0 = channel 4:1
0 = Normal
1 = Muted
0
MUTEA
Mute Primary output channels 4 to 1; bits 3:0
= channel 4:1
0 = Normal
1 = Muted
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More