công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C5SMS-GJS bảng dữ liệu(PDF) 6 Page - Cree, Inc

tên linh kiện C5SMS-GJS
Giải thích chi tiết về linh kiện  Cree짰 Screen Master짰 5-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREE [Cree, Inc]
Trang chủ  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMS-GJS bảng dữ liệu(HTML) 6 Page - Cree, Inc

  C5SMS-GJS Datasheet HTML 1Page - Cree, Inc C5SMS-GJS Datasheet HTML 2Page - Cree, Inc C5SMS-GJS Datasheet HTML 3Page - Cree, Inc C5SMS-GJS Datasheet HTML 4Page - Cree, Inc C5SMS-GJS Datasheet HTML 5Page - Cree, Inc C5SMS-GJS Datasheet HTML 6Page - Cree, Inc C5SMS-GJS Datasheet HTML 7Page - Cree, Inc C5SMS-GJS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree 5-mm Oval LED
C5SMS-GJS
MECHANICAL DIMENSIONS
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.



Html Pages

1 2 3 4 5 6 7 8