| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CB201130CAS1 bảng dữ liệu(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CB201130CAS1 bảng dữ liệu(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 6 page ![]() For additional product information, visit www.eaton.com/connectors Terminal Blocks - Single Row Series A2000 & LP2000 Single Row Terminal Blocks Part Numbering System Series Terminal Style Base/End Poles Screw Options nnnn nnnnnn qq q qq qqqq A2 - standard barrier 01* - handwired 1 - std. base/mnt. end 02 to 32 Blank - std. screw LP2 - low profile 02 - printed circuit 2 - std. base/barrier end 02 to 30 on mount 00 - screws shipped bulk barrier 03 - non feed-thru 3 - insulator base/mnt. end end base 03* - stainless steel 04 - wire wrap tail 4 - insulator base/ 04 - brass nickel-plated 06 - handwired barrier end 07 - steel SEMS 07 - extended pin 5 - closed base/ (not available 08 - printed circuit mount end with hardware options) 09 - 0.250˝ QC short 6 - closed base/ 09* - brass SEMS 10 - 0.187˝ QC molded mount end nickel-plated 14 - printed circuit (not available with 19 - 0.250˝ QC long hardware options) Options qqq AB* - angle mnt. options (pg 11) A1 to A9 - 0.250˝ QC B1 to B9 - 0.187˝ QC DR* - drilled right angle (pg 11) L1 to L6 marking options (pg 25) MP* mounting plates (pg 11) RC* - retaining clips (pg 11) R30 to R77 - right angle bends (pg 11) S1* - solder lug/flat JA***, JB*** & JC*** - barrier jumpers OJ2*** & OJ4*** - over barrier jumpers CA** - captive screw (not available w/covers) WR - wire ready (not available on LP2 Covers - (pg 2 6) series) 0.20 (5.1) 0.062 (1.57) 0.031 (0.79) 0.55 (14.0) 0.062 (1.57) 0.031 (0.79) 01 Handwired 04 Wire Wrap Tail 03 Non Feed-Thru 02 Printed Circuit 0.54 (13.7) 0.055 (1.40) 0.032 (0.81) 0.14 (3.6) 07 Extended Pin 0.11 (2.79) 0.031 (0.79) 0.30 (7.6) 06 Handwired Terminal Styles Inches (Millimeters) 0.062 (1.57) 0.17 (4.3) 0.031 (0.79) 0.42 (10.7) 0.187 (4.75) 0.031 (0.79) 0.40 (10.2) 0.250 (6.35) 0.031 (0.79) 08 Printed Circuit 10 0.187˝ QC 09 0.250˝ QC short 0.72 (18.3) 0.31 (7.9) 0.30 (7.62) 0.33 (8.4) 0.250 (6.35) 0.031 (0.79) 19 0.250˝ QC long 0.062 (1.57) 0.031 (0.79) 0.125 (3.2) 14 Printed Circuit A 2 L P 2 Base/End Note: 6 style not available with covers. 5 & 6 Styles only available with 03 terminals. 0.55 (14.0) 0.110 (2.79) 0.031 (0.79) *A2 only. **Not compatible with 03-stainless steel screws. ***Contact factory for configuration. 9 |