công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RC5050M bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện RC5050M
Giải thích chi tiết về linh kiện  Programmable DC-DC Converter for Lo Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

RC5050M bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  RC5050M Datasheet HTML 1Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 2Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 3Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 4Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 5Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 6Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 7Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 8Page - List of Unclassifed Manufacturers RC5050M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PRODUCT SPECIFICATION
RC5050
3
Absolute Maximum Ratings
Operating Conditions
Electrical Characteristics
(VCCA, VCCD = 5V, VOUT = 2.8V, Fosc = 300 KHz, and TA = +25
°C using Figure 1, unless otherwise specified)
The
• denotes specifications which apply over the full operating temperature range.
Notes:
1. Steady State Voltage Regulation includes Initial Voltage Setpoint, DC load regulation, output ripple/noise and temperature
drift.
2. These specifications assume a minimum of 20, 1
µF ceramic capacitors are placed directly next to the CPU in order to provide
adequate high-speed decoupling. For motherboard applications, the PCB layout must exhibit no more than 0.5m
Ω parasitic
resistance and 1nH parasitic inductance between the converter output and the CPU.
Supply Voltages, VCCA, VCCD, VCCQP
13V
Voltage Identification Code Inputs, VID4-VID0
13V
Junction Temperature, TJ
150
°C
Storage Temperature
-65 to 150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltages, VCCA and VCCD
4.5
5
7
V
Output Driver Supply, VCCQP
8.5
12
V
Input Logic HIGH
2.0
V
Input Logic LOW
0.8
V
PWRGD Threshold
Logic HIGH
Logic LOW
93
88
107
112
%VO
%VO
Ambient Operating Temperature
0
70
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Table 1
1.3
3.5
V
Output Current
13
A
Initial Voltage Setpoint
ILOAD = 0.8A
±20
mV
Output Temperature Drift
TA = 0 to 60
°C
+10
mV
Load Regulation
ILOAD = 0.8A to 13A
-25
mV
Line Regulation
VIN = 4.75 to 5.25V
±2
mV
Output Ripple
20MHz BW, ILOAD = 13A
±11
mV
Output Voltage Regulation
Steady State1
Transient2
VOUT = 2.8V, ILOAD = 0.8 – 15A
ILOAD = 0.8 to 14.2A, 30A/
µs
2.74
2.67
2.80
2.80
2.90
2.93
V
V
Short Circuit Detect Threshold
100
120
140
mV
Efficiency
ILOAD = 13A, VOUT = 2.8V
80
85
%
Output Driver Rise and Fall
Time
See Figure 2
50
ns
Turn-on Response Time
ILOAD = 0 to 13A
10
ms
Oscillator Range
80
300
1000
KHz
Oscillator Frequency
CEXT = 100 pF
270
300
330
KHz
Max Duty Cycle
PWM mode
90
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com