công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMT1925 bảng dữ liệu(PDF) 20 Page - Cree, Inc

tên linh kiện CMT1925
Giải thích chi tiết về linh kiện  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREE [Cree, Inc]
Trang chủ  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 bảng dữ liệu(HTML) 20 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc CMT1925 Datasheet HTML 15Page - Cree, Inc CMT1925 Datasheet HTML 16Page - Cree, Inc CMT1925 Datasheet HTML 17Page - Cree, Inc CMT1925 Datasheet HTML 18Page - Cree, Inc CMT1925 Datasheet HTML 19Page - Cree, Inc CMT1925 Datasheet HTML 20Page - Cree, Inc CMT1925 Datasheet HTML 21Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
20
XLamp® CmT1925 LED
noTEs
Measurements
The luminous flux, radiant power, chromaticity, forward voltage and CRI measurements in this document are binning specifications only
and solely represent product measurements as of the date of shipment. These measurements will change over time based on a number
of factors that are not within Cree’s control and are not intended or provided as operational specifications for the products. Calculated
values are provided for informational purposes only and are not intended or provided as specifications.
pre-Release Qualification testing
Please read the LeD Reliability Overview for details of the qualification process Cree applies to ensure long‑term reliability for XLamp
LEDs and details of Cree’s pre‑release qualification testing for XLamp LEDs. Cree did not perform Room Temperature Operating Life
(RTOL) testing on the CMT1925 LeD.
Lumen Maintenance
Cree now uses standardized IeS LM-80-08 and TM-21-11 methods for collecting long-term data and extrapolating LeD lumen maintenance.
For information on the specific LM‑80 data sets available for this LED, refer to the public LM-80 results document.
Please read the Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance testing and forecasting.
Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive current affect
the LeD junction temperature.
rohs Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with eU Directive 2011/65/eC (RoHS2), as
implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree representative or from the Product
ecology section of the Cree website.
rEaCh Compliance
ReACh substances of very high concern (SvHCs) information is available for this product. Since the european Chemical Agency (eCHA)
has published notice of their intent to frequently revise the SvHC listing for the foreseeable future, please contact a Cree representative to
insure you get the most up-to-date ReACh SvHC Declaration. ReACh banned substance information (ReACh Article 67) is also available
upon request.
uL® recognized Component
This product meets the requirements to be considered a UL Recognized Component with Level 4 enclosure consideration. The LeD
package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/UL 8750.
vision advisory
WARNING: Do not look at an exposed lamp in operation. eye injury can result. For more information about LeDs and eye safety, please
refer to the LeD eye Safety application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21